| データシートサーチシステム |
|
STA2416 データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA2416 データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 38 page ![]() STA2416 Block diagram and pins description 9/38 3.3 Pin description and assignment Table 1 shows the pin list of the STA2416. There are 91 functional pins of which 25 are used for device testing only (should not be connected in the application) and 24 supply pins. The column “PU/PD” shows the pads implementing an internal weak pull-up/down, to fix value if the pin is left open. This cannot replace an external pull-up/down. The pads are grouped according to two different power supply values, as shown in column VDD: ● V1 for 3.3 V typical 2.7 - 3.6 V range ● V2 for 1.8 V typical 1.55 - 1.95 V range Finally the column “DIR” describes the pin directions: ● I for Inputs ● O for Outputs ● I/O for Input/Outputs ● O/t for trim-state outputs ( Table 1. Pin list Name Pin # Description DIR PU/PD VDD PAD Clock and test pins IN B18 System clock I V1 CMOS, 3.3V TTL compatible Schmidt trigger NEAREST A18 Reset I UNRIPE A17 Flash reset I V2 NWP H3 Flash write protect I V2 CMOS 1.8V SYS_CLK_REQ C18 System clock request I/O V1 CMOS, 3.3V TTL compatible, 2mA tri-state slew rate control LPO_CLK_P V9 Low power oscillator + /slow clock input I V2 LPO_CLK_N V10 Low power oscillator - O LPO_CLK_OUT R18 32MHz clock out O - V1 INT1 C14 External interrupt used also as external wakeup I (1) V1 CMOS, 3.3V TTL compatible schmidt trigger INT2 C15 Second external interrupt I (1) BOOT T10 Select external boot from EMI or internal from ROM I (1) V2 CMOS 1.8V |