データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA2416 データシート(PDF) 34 Page - STMicroelectronics

部品番号 STA2416
部品情報  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 データシート(HTML) 34 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 30Page - STMicroelectronics STA2416 Datasheet HTML 31Page - STMicroelectronics STA2416 Datasheet HTML 32Page - STMicroelectronics STA2416 Datasheet HTML 33Page - STMicroelectronics STA2416 Datasheet HTML 34Page - STMicroelectronics STA2416 Datasheet HTML 35Page - STMicroelectronics STA2416 Datasheet HTML 36Page - STMicroelectronics STA2416 Datasheet HTML 37Page - STMicroelectronics STA2416 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
HCI USB transport layer
STA2416
34/38
9
HCI USB transport layer
The USB Transport Layer has been specified by the Bluetooth™ SIG, and allows HCI level
communication between a host controller (STA2416) and a host (for example, PC), via a
USB interface. The USB Transport Layer is completely implemented in SW. It accepts HCI
messages from the HCI Layer, prepares it for transmission over a USB bus, and sends it to
the USB Driver. It reassembles the HCI messages from USB data received from the USB
Driver, and sends these messages to the HCI Layer. The Transport Layer does not interpret
the contents (payload) of the HCI messages; it only examines the header.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38