| データシートサーチシステム |
|
68HC05PL4B データシート(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05PL4B データシート(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 98 page ![]() GENERAL RELEASE SPECIFICATION April 30, 1998 CENTRAL PROCESSING UNIT MC68HC05PL4 3-4 REV 2.0 3.6.5 Carry/Borrow Bit (C-Bit) The carry/borrow bit is set when a carry out of bit 7 of the accumulator occurred during the last arithmetic operation, logical operation, or data manipulation. The carry/borrow bit is also set or cleared during bit test and branch instructions and during shifts and rotates. This bit is neither set by an INC nor by a DEC instruction. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |