| データシートサーチシステム |
|
68HC05PL4B データシート(PDF) 25 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05PL4B データシート(HTML) 25 Page - Freescale Semiconductor, Inc |
|
25 / 98 page ![]() April 30, 1998 GENERAL RELEASE SPECIFICATION MC68HC05PL4 INTERRUPTS REV 2.0 4-1 SECTION 4 INTERRUPTS The CPU can be interrupted by ve different sources – one software and four hardware: • Non-maskable Software Interrupt Instruction (SWI) • External Asynchronous Interrupt (IRQ) • 16-Bit Timer • 8-Bit Timer • Keyboard Interrupt 4.1 INTERRUPT VECTORS Table 4-1 summarizes the reset and interrupt sources and vector assignments Table 4-1. Vector Address for Interrupts and Reset Function Source Local Mask Global Mask Priority (1=Highest) Vector Address Reset Power-On Logic None None 1 $1FFE-$1FFF RESET Pin None COP Watchdog COPON1 SWI User Code None None Same Priority As Instruction $1FFC-$1FFD External IRQ IRQ Pin IRQEN I Bit 2 $1FFA-$1FFB 16-Bit Timer ICF Bit ICIE I Bit 3 $1FF8-$1FF9 TCF Bit TCIE OCF Bit OCIE 8-Bit Timer T8IF Bit T8IE I Bit 4 $1FF6-$1FF7 Keyboard KIF3 Bit KIE3 I Bit 5 $1FF4-$1FF5 KIF2 Bit KIE2 KIF1 Bit KIE1 KIF0 Bit KIE0 Reserved — — — — $1FF2-$1FF3 Reserved — — — — $1FF0-$1FF1 NOTES: 1. COPON enables/disables the COP watchdog timer. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |