| データシートサーチシステム |
|
STR910FAW44X6T データシート(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR910FAW44X6T データシート(HTML) 60 Page - STMicroelectronics |
|
60 / 99 page ![]() Electrical characteristics STR91xFAx32 STR91xFAx42 STR91xFAx44 60/99 7.3 Operating conditions 7.3.1 Operating conditions at power-up / power-down Subject to general operating conditions for TA. Table 12. Operating conditions Symbol Parameter Value Unit Min Max VDD Digital CPU supply voltage 1.65 2.0 V VDDQ Digital I/O supply voltage 2.7 3.6 V VBATT (1) 1. The VBATT pin should be connected to VDDQ if no battery is installed SRAM backup and RTC supply voltage 2.5 3.6 V AVDD Analog ADC supply voltage (128-pin and 144-ball packages) 2.7 VDDQ V AVREF Analog ADC reference voltage (128-pin and 144-ball packages) 2.65 AVDD (2) 2. AVREF must never exceed VDDQ V AVREF_AVDD Combined analog ADC reference and ADC supply voltage (80-pin package) 2.7 VDDQ V TA Ambient temperature under bias -40 +85 C Table 13. Operating conditions at power-up / power-down Symbol Parameter Min(1) 1. Data guaranteed by characterization, not tested in production. Max(1) Unit tVDD VDD rise time rate 10 µs/V 10 ms/V |