| データシートサーチシステム |
|
STR910FAW44X6T データシート(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR910FAW44X6T データシート(HTML) 66 Page - STMicroelectronics |
|
66 / 99 page ![]() Electrical characteristics STR91xFAx32 STR91xFAx42 STR91xFAx44 66/99 7.7.3 RTC oscillator electrical characteristics VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified. Table 20. RTC oscillator electrical characteristics Symbol Parameter Test Conditions Value Unit Min Typ Max gM(RTC) Oscillator Start _voltage(1) 1. Data based on bench measurements, not tested in production. VDD_LVD+ (2) 2. Refer to Table 15 for min. value of VDD_LVD+ V tSTUP(RTC) Oscillator Start-up Time (1) VDD stable 1 S Table 21. RTC crystal electrical characteristics Symbol Parameter Value Unit Min Typ Max fO Resonant frequency 32.768 kHz RS Series resistance 40 k Ω CL Load capacitance 8 pF |