| データシートサーチシステム |
|
STR910FAW44X6T データシート(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR910FAW44X6T データシート(HTML) 64 Page - STMicroelectronics |
|
64 / 99 page ![]() Electrical characteristics STR91xFAx32 STR91xFAx42 STR91xFAx44 64/99 7.7 Clock and timing characteristics Table 17. Internal clock frequencies Symbol Parameter Test Conditions Value Unit Min Typ Max fMSTR CCU Master Clock 32.768 96,000 kHz fCPUCLK CPU Core Frequency Executing from SRAM 96 MHz Executing from Flash 96 MHz fPCLK Peripheral Clock for APB 48 MHz fHCLK Peripheral Clock for AHB 96 MHz fOSC Clock Input 4 25 MHz fFMICLK FMI Flash Bus clock (internal clock) 96 MHz fBCLK External Memory Bus clock 96 MHz fRTC RTC Clock 32.768 kHz fEMAC EMAC PHY Clock 25 MHz fUSB USB Clock 48 MHz |