| データシートサーチシステム |
|
HCS08 データシート(PDF) 93 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 データシート(HTML) 93 Page - NXP Semiconductors |
|
93 / 198 page ![]() MC9S08QD4 Series MCU Data Sheet, Rev. 6 Freescale Semiconductor 93 Chapter 8 Analog-to-Digital Converter (ADC10V1) 8.1 Introduction The 10-bit analog-to-digital converter (ADC) is a successive approximation ADC designed for operation within an integrated microcontroller system-on-chip. The ADC module design supports up to 28 separate analog inputs (AD0–AD27). Only four (ADC1P0–ADC1P3) of the possible inputs are implemented on the MC9S08QD4 series MCU. These inputs are selected by the ADCH bits. |