データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS08 データシート(PDF) 15 Page - NXP Semiconductors

部品番号 HCS08
部品情報  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 データシート(HTML) 15 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 11Page - NXP Semiconductors HCS08 Datasheet HTML 12Page - NXP Semiconductors HCS08 Datasheet HTML 13Page - NXP Semiconductors HCS08 Datasheet HTML 14Page - NXP Semiconductors HCS08 Datasheet HTML 15Page - NXP Semiconductors HCS08 Datasheet HTML 16Page - NXP Semiconductors HCS08 Datasheet HTML 17Page - NXP Semiconductors HCS08 Datasheet HTML 18Page - NXP Semiconductors HCS08 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 198 page
background image
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
15
Chapter 1
Device Overview
1.1
Introduction
MC9S08QD4 series MCUs are members of the low-cost, high-performance HCS08 family of 8-bit
microcontroller units (MCUs). All MCUs in the family use the enhanced HCS08 core and are available
with a variety of modules, memory sizes, memory types, and package types.
1.2
Devices in the MC9S08QD4 Series
This data sheet covers:
•
MC9S08QD4
•
MC9S08QD2
•
S9S08QD4
•
S9S08QD2
NOTE
•
The MC9S08QD4 and MC9S08QD2 devices are qualified for, and are
intended to be used in, consumer and industrial applications.
•
The S9S08QD4 and S9S08QD2 devices are qualified for, and are
intended to be used in, automotive applications.
Table 1-1 summarizes the features available in the MCUs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More