| データシートサーチシステム |
|
HCS08 データシート(PDF) 97 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 データシート(HTML) 97 Page - NXP Semiconductors |
|
97 / 198 page ![]() Analog-to-Digital Converter (S08ADC10V1) MC9S08QD4 Series MCU Data Sheet, Rev. 6 Freescale Semiconductor 97 8.1.2 Features Features of the ADC module include: • Linear successive approximation algorithm with 10 bits resolution. • Up to 28 analog inputs. • Output formatted in 10- or 8-bit right-justified format. • Single or continuous conversion (automatic return to idle after single conversion). • Configurable sample time and conversion speed/power. • Conversion complete flag and interrupt. • Input clock selectable from up to four sources. • Operation in wait or stop3 modes for lower noise operation. • Asynchronous clock source for lower noise operation. • Selectable asynchronous hardware conversion trigger. • Automatic compare with interrupt for less-than, or greater-than or equal-to, programmable value. 8.1.3 Block Diagram Figure 8-2 provides a block diagram of the ADC module |