| データシートサーチシステム |
|
X24C01IP データシート(PDF) 8 Page - IC MICROSYSTEMS |
|
|
|||||||||||||||||||||||||||||
X24C01IP データシート(HTML) 8 Page - IC MICROSYSTEMS |
|
8 / 14 page ![]() 8 X24C01 Supply Voltage Limits X24C01 4.5V to 5.5V X24C01-3.5 3.5V to 5.5V X24C01-3 3.0V to 5.5V X24C01-2.7 2.7V to 5.5V ABSOLUTE MAXIMUM RATINGS* Temperature Under Bias .................. –65°C to +135°C Storage Temperature ....................... –65°C to +150°C Voltage on any Pin with Respect to VSS ............................ –1.0V to +7.0V D.C. Output Current ............................................ 5 mA Lead Temperature (Soldering, 10 Seconds) ............................. 300°C *COMMENT Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and the functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. RECOMMENDED OPERATING CONDITIONS Temperature Min. Max. Commercial 0°C 70°C Industrial –40°C +85°C Military –55°C +125°C D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified) Limits Symbol Parameter Min. Max. Units Test Conditions I CC (1) VCC Supply Current (Read) 1 mA SCL = VCC x 0.1/VCC x 0.9 Levels I CC (2) VCC Supply Current (Write) 2 @ 100 KHz, SDA = Open I SB1 (1) VCC Standby Current 100 ∝ A SCL = SDA = VCC, VCC = 5V ± 10% I SB2 (1) VCC Standby Current 50 ∝ A SCL = SDA = VCC, VCC = 2.7V ILI Input Leakage Current 10 ∝ A VIN = GND to VCC ILO Output Leakage Current 10 ∝ A VOUT = GND to VCC V lL (2) Input Low Voltage –1.0 VCC x 0.3 V V IH (2) Input High Voltage VCC x 0.7VCC + 0.5 V VOL Output Low Voltage 0.4 V IOL = 2.1 mA 3837 PGM T03 CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V Symbol Parameter Max. Units Test Conditions CI/O(3) Input/Output Capacitance (SDA) 8 pF VI/O = 0V CIN(3) Input Capacitance (SCL) 6 pF VIN = 0V 3837 PGM T05 Notes: (1) Must perform a stop command prior to measurement. (2) VIL min. and VIH max. are for reference only and are not tested. (3) This parameter is periodically sampled and not 100% tested. |