| データシートサーチシステム |
|
X24C01IP データシート(PDF) 6 Page - IC MICROSYSTEMS |
|
|
|||||||||||||||||||||||||||||
X24C01IP データシート(HTML) 6 Page - IC MICROSYSTEMS |
|
6 / 14 page ![]() 6 X24C01 Figure 6. ACK Polling Sequence Acknowledge Polling The disabling of the inputs can be used to take advantage of the typical 5 ms write cycle time. Once the stop condition is issued to indicate the end of the host’s write operation the X24C01 initiates the internal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the word address for a write operation. If the X24C01 is still busy with the write operation no ACK will be returned. If the X24C01 has completed the write operation an ACK will be returned and the controller can then proceed with the next read or write operation. READ OPERATIONS Read operations are initiated in the same manner as write operations with exception that the R/W bit of the word address is set to a one. There are two basic read operations: byte read and sequential read. It should be noted that the ninth clock cycle of the read operation is not a “don’t care.” To terminate a read operation, the master must either issue a stop condition during the ninth cycle or hold SDA HIGH during the ninth clock cycle and then issue a stop condition. Byte Read To initiate a read operation, the master sends a start condition followed by a seven bit word address and a read bit. The X24C01 responds with an acknowledge and then transmits the eight bits of data. The read operation is terminated by the master; by not responding with an acknowledge and by issuing a stop condition. Refer to Figure 7 for the start, word address, read bit, acknowledge and data transfer sequence. WRITE OPERATION COMPLETED ENTER ACK POLLING ISSUE START ISSUE SLAVE ADDRESS AND R/W = 0 ACK RETURNED? NEXT OPERATION A WRITE? PROCEED ISSUE STOP NO YES YES PROCEED ISSUE STOP NO 3837 FHD F11 Figure 7. Byte Read 3837 FHD F12 BUS ACTIVITY: MASTER SDA LINE BUS ACTIVITY: X24C01 S T A R T WORD ADDRESS n S T O P P A C K DATA n R / W L S B S M S B |