| データシートサーチシステム |
|
STM32L412C8I6TR データシート(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L412C8I6TR データシート(HTML) 55 Page - STMicroelectronics |
|
55 / 192 page ![]() Table 14. STM32L412xx pin definitions Pin Number Pin name (function after reset) Alternate functions Additional functions - - - 1 1 1 1 B2 VBAT S - - - - - - - 2 2 2 2 A2 PC13 I/O FT - EVENTOUT RTC_TAMP1/RTC_TS/RTC _OUT1/WKUP2 22B6333 3 A1 PC14-OSC32_IN (PC14) I/O FT - EVENTOUT OSC32_IN 33 C6 444 4 B1 PC15- OSC32_OUT (PC15) I/O FT - EVENTOUT OSC32_OUT - - - 555 5 C1 PH0-OSC_IN (PH0) I/O FT - EVENTOUT OSC_IN - - - 666 6 D1 PH1-OSC_OUT (PH1) I/O FT - EVENTOUT OSC_OUT 4 4 D6 7 7 7 7 E1 NRST I/O RST - - - - --- - 8 8 E3 PC0 I/O FT_fa - TRACECK, LPTIM1_IN1, I2C3_SCL, LPUART1_RX, LPTIM2_IN1, EVENTOUT ADC12_IN1 - --- - 9 9 E2 PC1 I/O FT_fa - TRACED0, LPTIM1_OUT, I2C3_SDA, LPUART1_TX, EVENTOUT ADC12_IN2 - --- - 10 10 F2 PC2 I/O FT_a - LPTIM1_IN2, SPI2_MISO, EVENTOUT ADC12_IN3 - --- - 11 11 G1 PC3 I/O FT_a - LPTIM1_ETR, SPI2_MOSI, LPTIM2_ETR, EVENTOUT ADC12_IN4 - - - 8 8 12 12 F1 VSSA/VREF- S - - - - -- E6 - - - - - VREF+ S - - - - |