データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L412C8I6TR データシート(PDF) 58 Page - STMicroelectronics

部品番号 STM32L412C8I6TR
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412C8I6TR データシート(HTML) 58 Page - STMicroelectronics

Back Button STM32L412C8I6TR Datasheet HTML 54Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 55Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 56Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 57Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 58Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 59Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 60Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 61Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 192 page
background image
16
16
F1
23
23
31
31
D6
VSS
S
-
-
-
-
17
17
E1
24
24
32
32
E6
VDD
S
-
-
-
-
-
-
-
252533
33
H8
PB12
I/O
FT
-
TIM1_BKIN, I2C2_SMBA, SPI2_NSS,
USART3_CK, LPUART1_RTS_DE,
TSC_G1_IO1, TIM15_BKIN,
EVENTOUT
-
-
-
-
262634
34
G8
PB13
I/O
FT_f
-
TIM1_CH1N, I2C2_SCL, SPI2_SCK,
USART3_CTS, LPUART1_CTS,
TSC_G1_IO2, TIM15_CH1N,
EVENTOUT
-
-
-
-
272735
35
F8
PB14
I/O
FT_f
-
TIM1_CH2N, I2C2_SDA, SPI2_MISO,
USART3_RTS_DE, TSC_G1_IO3,
TIM15_CH1, EVENTOUT
-
-
-
-
282836
36
F7
PB15
I/O
FT
-
RTC_REFIN, TIM1_CH3N,
SPI2_MOSI, TSC_G1_IO4,
TIM15_CH2, EVENTOUT
-
-
-
-
-
-
37
37
F6
PC6
I/O
FT
-
TSC_G4_IO1, EVENTOUT
-
-
-
-
-
-
38
38
E7
PC7
I/O
FT
-
TSC_G4_IO2, EVENTOUT
-
-
-
-
-
-
39
39
E8
PC8
I/O
FT
-
TSC_G4_IO3, EVENTOUT
-
-
-
-
-
-
40
40
D8
PC9
I/O
FT
-
TSC_G4_IO4, USB_NOE, EVENTOUT
-
18
18
D1
29
29
41
41
D7
PA8
I/O
FT
-
MCO, TIM1_CH1, USART1_CK,
LPTIM2_OUT, EVENTOUT
-
19
19
C1
30
30
42
42
C7
PA9
I/O
FT_f
-
TIM1_CH2, I2C1_SCL, USART1_TX,
TIM15_BKIN, EVENTOUT
-
Table 14. STM32L412xx pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More