データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L412C8I6TR データシート(PDF) 60 Page - STMicroelectronics

部品番号 STM32L412C8I6TR
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412C8I6TR データシート(HTML) 60 Page - STMicroelectronics

Back Button STM32L412C8I6TR Datasheet HTML 56Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 57Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 58Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 59Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 60Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 61Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 62Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 63Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 192 page
background image
-
---
-
-
54
B5
PD2
I/O
FT
-
TRACED2, USART3_RTS_DE,
TSC_SYNC, EVENTOUT
-
26
26
B3
39
39
54
55
A5
PB3
(JTDO/TRACES
WO)
I/O
FT_a
-
JTDO/TRACESWO, TIM2_CH2,
SPI1_SCK, USART1_RTS_DE,
EVENTOUT
-
27
27
A3
40
40
55
56
A4
PB4 (NJTRST)
I/O
FT_fa
-
NJTRST, I2C3_SDA, SPI1_MISO,
USART1_CTS, TSC_G2_IO1,
EVENTOUT
-
28
28
C4
41
41
56
57
C4
PB5
I/O
FT
-
TRACED2, LPTIM1_IN1, I2C1_SMBA,
SPI1_MOSI, USART1_CK,
TSC_G2_IO2, TIM16_BKIN,
EVENTOUT
-
29
29
B4
42
42
57
58
D3
PB6
I/O
FT_fa
-
TRACED3, LPTIM1_ETR, I2C1_SCL,
USART1_TX, TSC_G2_IO3,
TIM16_CH1N, EVENTOUT
-
30
30
A4
43
43
58
59
C3
PB7
I/O
FT_fa
-
TRACECK, LPTIM1_IN2, I2C1_SDA,
USART1_RX, TSC_G2_IO4,
EVENTOUT
PVD_IN
31
31
C5
44
44
59
60
B4
PH3-BOOT0
(BOOT0)
I/O
FT
-
EVENTOUT
-
-
-
B5
45
45
60
61
B3
PB8
I/O
FT_f
-
I2C1_SCL, TIM16_CH1, EVENTOUT
-
-
-
-
464661
62
A3
PB9
I/O
FT_f
-
IR_OUT, I2C1_SDA, SPI2_NSS,
EVENTOUT
-
-
---
-
62
-
-
VDD12
S
-
-
-
Table 14. STM32L412xx pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More