データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP5523TM/NOPB データシート(PDF) 24 Page - Texas Instruments

部品番号 LP5523TM/NOPB
部品情報  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB データシート(HTML) 24 Page - Texas Instruments

Back Button LP5523TM/NOPB Datasheet HTML 20Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 21Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 22Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 23Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 24Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 25Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 26Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 27Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
24
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Register Maps (continued)
Table 3. Control Register Map (continued)
HEX
ADDRESS
REGISTER NAME
BIT(s)
READ/
WRITE
DEFAULT VALUE
AFTER RESET
BIT MNEMONIC AND DESCRIPTION
0C
D7 CONTROL
[7:6]
R/W
00xxxxxx
MAPPING
Mapping for D7 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D7 output
[4:0]
R/W
xxx00000
TEMP COMP
Temperature compensation control for D7 output
0D
D8 CONTROL
[7:6]
R/W
00xxxxxx
MAPPING
Mapping for D8 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D8 output
[4:0]
R/W
xxx00000
TEMP COMP
Temperature compensation control for D8 output
0E
D9 CONTROL
[7:6]
R/W
00xxxxxx
MAPPING
Mapping for D9 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D9 output
[4:0]
R/W
xxx00000
TEMP COMP
Temperature compensation control for D9 output
0F TO 15
RESERVED
[7:0]
RESERVED FOR FUTURE USE
16
D1 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D1
17
D2 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D2
18
D3 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D3
19
D4 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D4
1A
D5 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D5
1B
D6 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D6
1C
D7 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D7
1D
D8 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D8
1E
D9 PWM
[7:0]
R/W
00000000
PWM
PWM duty cycle control for D9
1F TO 25
RESERVED
[7:0]
RESERVED FOR FUTURE USE
26
D1 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D1 output current control register. Default 17.5 mA
(typical)
27
D2 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D2 output current control register. Default 17.5 mA
(typical)
28
D3 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D3 output current control register. Default 17.5 mA
(typical)
29
D4 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D4 output current control register. Default current
is 17.5 mA (typical)
2A
D5 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D5 output current control register. Default current
is 17.5 mA (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com