データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP5523TM/NOPB データシート(PDF) 53 Page - Texas Instruments

部品番号 LP5523TM/NOPB
部品情報  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB データシート(HTML) 53 Page - Texas Instruments

Back Button LP5523TM/NOPB Datasheet HTML 49Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 50Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 51Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 52Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 53Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 54Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 55Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 56Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
30 ms
30 ms
TRIGGER SIGNAL
FROM TOUCH
SCREEN
CONTROLLER
CW
ROTATION
CCW
ROTATION
VIBRAP
VIBRAN
TRIG
53
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
A simple waveform for H-driver control is shown in Figure 30. At first the motor rotates in CW direction for 30 ms,
following a rotation of 30 ms in CCW direction. The sequence is started when the TRIG signal is pulled down
(active low signal). the TRIG signal is received from the touch screen controller. After the sequence is executed,
the LP5523 waits for another TRIG signal to start the sequence again. TRIG signal timing is not critical; it does
not have to be pulled down for the whole sequence duration like in the example. For call indication, etc. purposes
the program can be changed; for example, rotation times can be adjusted to get desired haptic reaction. Direct
control of D8 and D9 output is also possible through the control registers, if programming is not desired.
Figure 30. H-Driver Control Waveform
9 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 2.7 V and 5.5 V. In a typical
application this is from single Li-ion battery cell. This input supply must be well regulated and able to withstand
maximum input current and maintain stable voltage without voltage drop even at load transition condition (start-
up or rapid brightness change). The resistance of the input supply rail must be low enough that the input current
transient does not cause drop below a 2.7-V level in the LP5523 supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com