データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP5523TM/NOPB データシート(PDF) 46 Page - Texas Instruments

部品番号 LP5523TM/NOPB
部品情報  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB データシート(HTML) 46 Page - Texas Instruments

Back Button LP5523TM/NOPB Datasheet HTML 42Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 43Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 44Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 45Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 46Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 47Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 48Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 49Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
46
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
NAME
VALUE (d)
DESCRIPTION
int
0
No interrupt is sent. PWM register values remain intact.
1
Reset program counter value to 0 and send interrupt to processor by pulling the INT pin down
and setting corresponding status bit high to notify that program has ended. PWM register
values
remains
intact.
Interrupt
can
be
cleared
by
reading
interrupt
bits
in
STATUS/INTERRUPT register at address 3A.
reset
0
Reset program counter value to 0 and hold. PWM register values remains intact.
1
Reset program counter value to 0 and hold. PWM register values of the non-mapped drivers
remains. PWM register values of the mapped drivers is set to 0000 0000.
On completion of int instruction with this bit set to 1 the master fader registers are set to zero
as follows: Program execution engine 1 sets MASTER FADER 1 (48H) to zero, engine 2 sets
MASTER FADER 2 (49H) to zero and engine 3 sets MASTER FADER 3 (4AH) to zero.
RST
Rst instruction resets Program Counter register (address 37H, 38H, or 39H) and continues executing the
program from the program start address defined in 4C-4E. Instruction takes sixteen 32 kHz clock cycles. Note
that default value for all program memory registers is 0000H, which is the rst instruction.
END
End program execution. Instruction takes sixteen 32-kHz clock cycles.
TRIGGER
Wait or send triggers can be used to, for example, synchronize operation between the program execution
engines. Send trigger instruction takes sixteen 32 kHz clock cycles and wait for trigger takes at least sixteen 32
kHz clock cycles. The receiving engine stores the triggers which have been sent. Received triggers are cleared
by wait for trigger instruction. Wait for trigger instruction is executed until all the defined triggers have been
received. (Note: several triggers can be defined in the same instruction.)
External trigger input signal must stay low for at least two 32 kHz clock cycles to be executed. Trigger output
signal is three 32 kHz clock cycles long. External trigger signal is active low; that is, when trigger is sent/received
the pin is pulled to GND. Send external trigger is masked; that is, the device that has sent the trigger does not
recognize it. If send and wait external trigger are used on the same instruction, the send external trigger is
executed first, then the wait external trigger.
NAME
VALUE (d)
DESCRIPTION
wait for trigger
0 - 31
Wait for trigger from the engine(s). Several triggers can be defined in the same instruction. Bit
[7] engages engine 1, bit [8] engine 2, bit [9] engine 3 and bit [12] is for external trigger I/O.
Bits [10] and [11] are not in use.
send a trigger
0 - 31
Send a trigger to the engine(s). Several triggers can be defined in the same instruction. Bit [1]
engages engine 1, bit [2] engine 2, bit [3] engine 3 and bit [6] is for external trigger I/O. Bits [4]
and [5] are not in use.
The LP5523 instruction set includes the following conditional jump instructions: jne (jump if not equal); jge (jump
if greater or equal); jl (jump if less); je (jump if equal). If the condition is true, a certain number of instructions are
skipped (that is, the program jumps forward to a location relative to the present location). If condition is false, the
next instruction is executed.
NAME
VALUE (d)
DESCRIPTION
number of instructions to be
skipped if the operation returns
true.
0 - 31
The number of instructions to be skipped when the statement is true. Note: value 0
means redundant code.
variable 1
0 - 3
Defines the variable to be used in the test:
0 = local variable A
1 = local variable B
2 = global variable C
3 = register address 3CH variable, or register address 42H value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com