| データシートサーチシステム |
|
STM32MP151AAA3 データシート(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP151AAA3 データシート(HTML) 73 Page - STMicroelectronics |
|
73 / 245 page ![]() DS12500 Rev 1 73/245 STM32MP151A Pinouts, pin description and alternate functions 119 U8 V8 AC10 AB9 PD11 I/O FT_h - LPTIM2_IN2, I2C4_SMBA, I2C1_SMBA, USART3_CTS/USART3_NSS, QUADSPI_BK1_IO0, SAI2_SD_A, FMC_CLE/FMC_A16, EVENTOUT - 1D5 G11 1C4 - VDDCORE S - - - - W7 W8 AB12 AA10 PF7 I/O FT_ha - TIM17_CH1, SPI5_SCK, SAI1_MCLK_B, UART7_TX, QUADSPI_BK1_IO2, EVENTOUT - V8 U10 AC11 AB10 PF8 I/O FT_ha - TRACED12, TIM16_CH1N, SPI5_MISO, SAI1_SCK_B, UART7_RTS/UART7_DE, TIM13_CH1, QUADSPI_BK1_IO0, EVENTOUT - - - - K11 VDDCORE S - - - - 1J7 U9 Y12 V12 PF10 I/O FT_h - TIM16_BKIN, SAI1_D3, SAI4_D4, SAI1_D4, QUADSPI_CLK, SAI4_D3, DCMI_D11, LCD_DE, EVENTOUT - - F9 AA5 G8 VSS S - - - - U10 V9 AA13 AA11 PF6 I/O FT_ha - TIM16_CH1, SPI5_NSS, SAI1_SD_B, UART7_RX, QUADSPI_BK1_IO3, SAI4_SCK_B, EVENTOUT - - H4 - - VDDCORE S - - - - U14 U11 Y18 W12 PD12 I/O FT_fha - LPTIM1_IN1, TIM4_CH1, LPTIM2_IN1, I2C4_SCL, I2C1_SCL, USART3_RTS/USART3_DE, QUADSPI_BK1_IO1, SAI2_FS_A, FMC_ALE/FMC_A17, EVENTOUT - - F11 AA8 G10 VSS S - - - - V9 W9 AA14 AB11 PF9 I/O FT_ha - TRACED13, TIM17_CH1N, SPI5_MOSI, SAI1_FS_B, UART7_CTS, TIM14_CH1, QUADSPI_BK1_IO1, EVENTOUT - - H6 1C6 K13 VDDCORE S - - - - Table 7. STM32MP151A pin and ball definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |