データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32MP151AAA3 データシート(PDF) 32 Page - STMicroelectronics

部品番号 STM32MP151AAA3
部品情報  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151AAA3 データシート(HTML) 32 Page - STMicroelectronics

Back Button STM32MP151AAA3 Datasheet HTML 28Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 29Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 30Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 31Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 32Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 33Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 34Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 35Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 245 page
background image
Functional overview
STM32MP151A
32/245
DS12500 Rev 1
3.14
Bus-interconnect matrix
The devices feature an AXI bus matrix, one main AHB bus matrix and bus bridges that allow
bus masters to be interconnected with bus slaves (see Figure 3, the dots represent the
enabled master/slave connections).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More