データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32MP151AAA3 データシート(PDF) 12 Page - STMicroelectronics

部品番号 STM32MP151AAA3
部品情報  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151AAA3 データシート(HTML) 12 Page - STMicroelectronics

Back Button STM32MP151AAA3 Datasheet HTML 8Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 9Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 10Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 11Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 12Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 13Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 14Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 15Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 245 page
background image
Introduction
STM32MP151A
12/245
DS12500 Rev 1
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32MP151A microprocessors.
This document should be read in conjunction with the STM32MP151x reference manual
(RM0441), available from the STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-A7 and Cortex®-M4 cores, refer to the Cortex®-A7
and Cortex®-M4 Technical Reference Manuals.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More