データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32MP151AAA3 データシート(PDF) 239 Page - STMicroelectronics

部品番号 STM32MP151AAA3
部品情報  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151AAA3 データシート(HTML) 239 Page - STMicroelectronics

Back Button STM32MP151AAA3 Datasheet HTML 235Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 236Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 237Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 238Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 239Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 240Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 241Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 242Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 245 page
background image
DS12500 Rev 1
239/245
STM32MP151A
Package information
242
Device marking
The following figure gives an example of topside marking orientation versus ball A1 identifier
location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 68. TFBGA361 marking (package top view)
1. Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST’s Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.
MSv60331V1
xACxx
Y
WW
Product
identification
R
STM32MP15x
Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More