| データシートサーチシステム |
|
STM32L452VCU6 データシート(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCU6 データシート(HTML) 66 Page - STMicroelectronics |
|
66 / 210 page ![]() Pinouts and pin description STM32L452xx 66/210 DocID029968 Rev 3 28 F1 36 36 F7 54 K10 PB15 I/O FT - RTC_REFIN, TIM1_CH3N, SPI2_MOSI, DFSDM1_CKIN2, TSC_G1_IO4, SAI1_SD_A, TIM15_CH2, EVENTOUT - --- -- 55 K9 PD8 I/O FT - USART3_TX, EVENTOUT - --- -- 56 K8 PD9 I/O FT - USART3_RX, EVENTOUT - --- -- 57 J12 PD10 I/O FT - USART3_CK, TSC_G6_IO1, EVENTOUT - --- -- 58 J11 PD11 I/O FT - I2C4_SMBA, USART3_CTS, TSC_G6_IO2, LPTIM2_ETR, EVENTOUT - --- -- 59 J10 PD12 I/O FT - I2C4_SCL, USART3_RTS_DE, TSC_G6_IO3, LPTIM2_IN1, EVENTOUT - --- -- 60 H12 PD13 I/O FT - I2C4_SDA, TSC_G6_IO4, LPTIM2_OUT, EVENTOUT - --- -- 61 H11 PD14 I/O FT - EVENTOUT - --- -- 62 H10 PD15 I/O FT - EVENTOUT - -F2 37 37 F6 63 E12 PC6 I/O FT - TIM3_CH1, DFSDM1_CKIN3, TSC_G4_IO1, SDMMC1_D6, EVENTOUT - - E138 38E7 64 E11 PC7 I/O FT - TIM3_CH2, DFSDM1_DATIN3, TSC_G4_IO2, SDMMC1_D7, EVENTOUT - Table 16. STM32L452xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |