データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L452VCU6 データシート(PDF) 72 Page - STMicroelectronics

部品番号 STM32L452VCU6
部品情報  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU6 データシート(HTML) 72 Page - STMicroelectronics

Back Button STM32L452VCU6 Datasheet HTML 68Page - STMicroelectronics STM32L452VCU6 Datasheet HTML 69Page - STMicroelectronics STM32L452VCU6 Datasheet HTML 70Page - STMicroelectronics STM32L452VCU6 Datasheet HTML 71Page - STMicroelectronics STM32L452VCU6 Datasheet HTML 72Page - STMicroelectronics STM32L452VCU6 Datasheet HTML 73Page - STMicroelectronics STM32L452VCU6 Datasheet HTML 74Page - STMicroelectronics STM32L452VCU6 Datasheet HTML 75Page - STMicroelectronics STM32L452VCU6 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 210 page
background image
Port B
PB0
-
TIM1_CH2N
TIM3_CH3
-
-
SPI1_NSS
DFSDM1_
CKIN0
USART3_CK
PB1
-
TIM1_CH3N
TIM3_CH4
-
-
-
DFSDM1_
DATIN0
USART3_RTS_
DE
PB2
RTC_OUT
LPTIM1_OUT
-
-
I2C3_SMBA
-
DFSDM1_
CKIN0
-
PB3
JTDO/
TRACESWO
TIM2_CH2
-
-
-
SPI1_SCK
SPI3_SCK
USART1_RTS_
DE
PB4
NJTRST
-
TIM3_CH1
-
I2C3_SDA
SPI1_MISO
SPI3_MISO
USART1_CTS
PB5
-
LPTIM1_IN1
TIM3_CH2
CAN1_RX
I2C1_SMBA
SPI1_MOSI
SPI3_MOSI
USART1_CK
PB6
-
LPTIM1_ETR
-
-
I2C1_SCL
I2C4_SCL
-
USART1_TX
PB7
-
LPTIM1_IN2
-
-
I2C1_SDA
I2C4_SDA
-
USART1_RX
PB8
--
--
I2C1_SCL
-
-
-
PB9
-
IR_OUT
-
-
I2C1_SDA
SPI2_NSS
-
-
PB10
-
TIM2_CH3
-
I2C4_SCL
I2C2_SCL
SPI2_SCK
-
USART3_TX
PB11
-
TIM2_CH4
-
I2C4_SDA
I2C2_SDA
-
-
USART3_RX
PB12
-
TIM1_BKIN
-
TIM1_BKIN_C
OMP2
I2C2_SMBA
SPI2_NSS
DFSDM1_
DATIN1
USART3_CK
PB13
-
TIM1_CH1N
-
-
I2C2_SCL
SPI2_SCK
DFSDM1_
CKIN1
USART3_CTS
PB14
-
TIM1_CH2N
-
-
I2C2_SDA
SPI2_MISO
DFSDM1_
DATIN2
USART3_RTS_
DE
PB15
RTC_REFIN
TIM1_CH3N
-
-
-
SPI2_MOSI
DFSDM1_
CKIN2
-
Table 17. Alternate function AF0 to AF7 (for AF8 to AF15 see Table 18) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SYS_AF
TIM1/TIM2
LPTIM1
I2C4/TIM1/
TIM2/TIM3
I2C4/USART2/
CAN1/TIM1
I2C1/I2C2/
I2C3/I2C4
SPI1/SPI2/I2C4
SPI3/DFSDM/
COMP1
USART1/
USART2/
USART3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More