データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L452VCU6TR データシート(PDF) 62 Page - STMicroelectronics

部品番号 STM32L452VCU6TR
部品情報  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU6TR データシート(HTML) 62 Page - STMicroelectronics

Back Button STM32L452VCU6TR Datasheet HTML 58Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 59Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 60Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 61Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 62Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 63Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 64Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 65Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 210 page
background image
Pinouts and pin description
STM32L452xx
62/210
DocID029968 Rev 3
-D6 10 10 F2
17
J3
PC2
I/O
FT_a
-
LPTIM1_IN2,
SPI2_MISO,
DFSDM1_CKOUT,
EVENTOUT
ADC1_IN3
-E7 11 11 G1 18
K2
PC3
I/O
FT_a
-
LPTIM1_ETR,
SPI2_MOSI, SAI1_SD_A,
LPTIM2_ETR,
EVENTOUT
ADC1_IN4
-
-
-
-
-
19
J1
VSSA
S
-
-
-
-
-
-
-
-
-
20
K1
VREF-
S
-
-
-
-
8G8 12 12 F1
-
-
VSSA/
VREF-
S-
-
-
-
-
-
-
-
-
21
L1
VREF+
S
-
-
-
VREFBUF_OUT
---
--
22
M1
VDDA
S
-
-
-
-
9F7 13 13 H1
-
-
VDDA/
VREF+
S-
-
-
-
10 H8 14 14 G2 23
L2
PA0
I/O
FT_a
-
TIM2_CH1,
USART2_CTS,
UART4_TX,
COMP1_OUT,
SAI1_EXTCLK,
TIM2_ETR, EVENTOUT
OPAMP1_VINP,
COMP1_INM,
ADC1_IN5,
RTC_TAMP2/WKUP1
11 E6 15 15 H2 24
M2
PA1
I/O
FT_a (3)
TIM2_CH2, I2C1_SMBA,
SPI1_SCK,
USART2_RTS_DE,
UART4_RX,
TIM15_CH1N,
EVENTOUT
OPAMP1_VINM,
COMP1_INP,
ADC1_IN6
12 G7 16 16 F3
25
K3
PA2
I/O
FT_a
-
TIM2_CH3, USART2_TX,
LPUART1_TX,
QUADSPI_BK1_NCS,
COMP2_OUT,
TIM15_CH1, EVENTOUT
COMP2_INM,
ADC1_IN7,
WKUP4/LSCO
13 F6 17 17 G3 26
L3
PA3
I/O
TT_a
-
TIM2_CH4, USART2_RX,
LPUART1_RX,
QUADSPI_CLK,
SAI1_MCLK_A,
TIM15_CH2, EVENTOUT
OPAMP1_VOUT,
COMP2_INP,
ADC1_IN8
-
-
18 18 C2 27
E3
VSS
S
-
-
-
-
-
H719 19D2 28
H3
VDD
S
-
-
-
-
Table 16. STM32L452xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More