| データシートサーチシステム |
|
STM32L452VCU6TR データシート(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCU6TR データシート(HTML) 83 Page - STMicroelectronics |
|
83 / 210 page ![]() DocID029968 Rev 3 83/210 STM32L452xx Memory mapping 85 Table 19. STM32L452xx memory map and peripheral register boundary addresses(1) Bus Boundary address Size(bytes) Peripheral AHB2 0x5006 0800 - 0x5006 0BFF 1 KB RNG 0x5004 0400 - 0x5006 07FF 158 KB Reserved 0x5004 0000 - 0x5004 03FF 1 KB ADC 0x5000 0000 - 0x5003 FFFF 16 KB Reserved 0x4800 2000 - 0x4FFF FFFF ~127 MB Reserved 0x4800 1C00 - 0x4800 1FFF 1 KB GPIOH 0x4800 1400 - 0x4800 1BFF 2 KB Reserved 0x4800 1000 - 0x4800 13FF 1 KB GPIOE 0x4800 0C00 - 0x4800 0FFF 1 KB GPIOD 0x4800 0800 - 0x4800 0BFF 1 KB GPIOC 0x4800 0400 - 0x4800 07FF 1 KB GPIOB 0x4800 0000 - 0x4800 03FF 1 KB GPIOA - 0x4002 4400 - 0x47FF FFFF ~127 MB Reserved AHB1 0x4002 4000 - 0x4002 43FF 1 KB TSC 0x4002 3400 - 0x4002 3FFF 1 KB Reserved 0x4002 3000 - 0x4002 33FF 1 KB CRC 0x4002 2400 - 0x4002 2FFF 3 KB Reserved 0x4002 2000 - 0x4002 23FF 1 KB FLASH registers 0x4002 1400 - 0x4002 1FFF 3 KB Reserved 0x4002 1000 - 0x4002 13FF 1 KB RCC 0x4002 0800 - 0x4002 0FFF 2 KB Reserved 0x4002 0400 - 0x4002 07FF 1 KB DMA2 0x4002 0000 - 0x4002 03FF 1 KB DMA1 APB2 0x4001 6400 - 0x4001 FFFF 39 KB Reserved 0x4001 6000 - 0x4000 63FF 1 KB DFSDM1 0x4001 5800 - 0x4001 5FFF 2 KB Reserved 0x4001 5400 - 0x4000 57FF 1 KB SAI1 0x4001 4800 - 0x4000 53FF 3 KB Reserved 0x4001 4400 - 0x4001 47FF 1 KB TIM16 0x4001 4000 - 0x4001 43FF 1 KB TIM15 0x4001 3C00 - 0x4001 3FFF 1 KB Reserved 0x4001 3800 - 0x4001 3BFF 1 KB USART1 0x4001 3400 - 0x4001 37FF 1 KB Reserved 0x4001 3000 - 0x4001 33FF 1 KB SPI1 |