データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L452VCU6TR データシート(PDF) 64 Page - STMicroelectronics

部品番号 STM32L452VCU6TR
部品情報  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU6TR データシート(HTML) 64 Page - STMicroelectronics

Back Button STM32L452VCU6TR Datasheet HTML 60Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 61Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 62Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 63Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 64Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 65Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 66Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 67Page - STMicroelectronics STM32L452VCU6TR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 210 page
background image
Pinouts and pin description
STM32L452xx
64/210
DocID029968 Rev 3
20 G4 28 27 G6 37
L6
PB2
I/O
FT_a
-
RTC_OUT, LPTIM1_OUT,
I2C3_SMBA,
DFSDM1_CKIN0,
EVENTOUT
COMP1_INP
---
--
38
M7
PE7
I/O
FT
-
TIM1_ETR,
DFSDM1_DATIN2,
SAI1_SD_B, EVENTOUT
-
---
--
39
L7
PE8
I/O
FT
-
TIM1_CH1N,
DFSDM1_CKIN2,
SAI1_SCK_B,
EVENTOUT
-
---
--
40
M8
PE9
I/O
FT
-
TIM1_CH1,
DFSDM1_CKOUT,
SAI1_FS_B, EVENTOUT
-
---
--
41
L8
PE10
I/O
FT
-
TIM1_CH2N,
TSC_G5_IO1,
QUADSPI_CLK,
SAI1_MCLK_B,
EVENTOUT
-
---
--
42
M9
PE11
I/O
FT
-
TIM1_CH2,
TSC_G5_IO2,
QUADSPI_BK1_NCS,
EVENTOUT
-
---
--
43
L9
PE12
I/O
FT
-
TIM1_CH3N, SPI1_NSS,
TSC_G5_IO3,
QUADSPI_BK1_IO0,
EVENTOUT
-
---
--
44 M10
PE13
I/O
FT
-
TIM1_CH3, SPI1_SCK,
TSC_G5_IO4,
QUADSPI_BK1_IO1,
EVENTOUT
-
---
--
45 M11
PE14
I/O
FT
-
TIM1_CH4, TIM1_BKIN2,
TIM1_BKIN2_COMP2,
SPI1_MISO,
QUADSPI_BK1_IO2,
EVENTOUT
-
---
--
46 M12
PE15
I/O
FT
-
TIM1_BKIN,
TIM1_BKIN_COMP1,
SPI1_MOSI,
QUADSPI_BK1_IO3,
EVENTOUT
-
Table 16. STM32L452xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More