| データシートサーチシステム |
|
STM32L452VCU6TR データシート(PDF) 207 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCU6TR データシート(HTML) 207 Page - STMicroelectronics |
|
207 / 210 page ![]() DocID029968 Rev 3 207/10 STM32L452xx Package information 207 In this case, parts must be ordered at least with the temperature range suffix 3 (see Section 8: Part numbering) unless we reduce the power dissipation in order to be able to use suffix 6 parts. Refer to Figure 58 to select the required temperature range (suffix 6 or 3) according to your ambient temperature or power requirements. Figure 58. LQFP64 PD max vs. TA |