| データシートサーチシステム |
|
STM32L452VCU3TR データシート(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCU3TR データシート(HTML) 64 Page - STMicroelectronics |
|
64 / 210 page ![]() Pinouts and pin description STM32L452xx 64/210 DocID029968 Rev 3 20 G4 28 27 G6 37 L6 PB2 I/O FT_a - RTC_OUT, LPTIM1_OUT, I2C3_SMBA, DFSDM1_CKIN0, EVENTOUT COMP1_INP --- -- 38 M7 PE7 I/O FT - TIM1_ETR, DFSDM1_DATIN2, SAI1_SD_B, EVENTOUT - --- -- 39 L7 PE8 I/O FT - TIM1_CH1N, DFSDM1_CKIN2, SAI1_SCK_B, EVENTOUT - --- -- 40 M8 PE9 I/O FT - TIM1_CH1, DFSDM1_CKOUT, SAI1_FS_B, EVENTOUT - --- -- 41 L8 PE10 I/O FT - TIM1_CH2N, TSC_G5_IO1, QUADSPI_CLK, SAI1_MCLK_B, EVENTOUT - --- -- 42 M9 PE11 I/O FT - TIM1_CH2, TSC_G5_IO2, QUADSPI_BK1_NCS, EVENTOUT - --- -- 43 L9 PE12 I/O FT - TIM1_CH3N, SPI1_NSS, TSC_G5_IO3, QUADSPI_BK1_IO0, EVENTOUT - --- -- 44 M10 PE13 I/O FT - TIM1_CH3, SPI1_SCK, TSC_G5_IO4, QUADSPI_BK1_IO1, EVENTOUT - --- -- 45 M11 PE14 I/O FT - TIM1_CH4, TIM1_BKIN2, TIM1_BKIN2_COMP2, SPI1_MISO, QUADSPI_BK1_IO2, EVENTOUT - --- -- 46 M12 PE15 I/O FT - TIM1_BKIN, TIM1_BKIN_COMP1, SPI1_MOSI, QUADSPI_BK1_IO3, EVENTOUT - Table 16. STM32L452xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |