データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L452VCU3TR データシート(PDF) 85 Page - STMicroelectronics

部品番号 STM32L452VCU3TR
部品情報  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU3TR データシート(HTML) 85 Page - STMicroelectronics

Back Button STM32L452VCU3TR Datasheet HTML 81Page - STMicroelectronics STM32L452VCU3TR Datasheet HTML 82Page - STMicroelectronics STM32L452VCU3TR Datasheet HTML 83Page - STMicroelectronics STM32L452VCU3TR Datasheet HTML 84Page - STMicroelectronics STM32L452VCU3TR Datasheet HTML 85Page - STMicroelectronics STM32L452VCU3TR Datasheet HTML 86Page - STMicroelectronics STM32L452VCU3TR Datasheet HTML 87Page - STMicroelectronics STM32L452VCU3TR Datasheet HTML 88Page - STMicroelectronics STM32L452VCU3TR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 210 page
background image
DocID029968 Rev 3
85/210
STM32L452xx
Memory mapping
85
APB1
0x4000 3000 - 0x4000 33FF
1 KB
IWDG
0x4000 2C00 - 0x4000 2FFF
1 KB
WWDG
0x4000 2800 - 0x4000 2BFF
1 KB
RTC
0x4000 1400 - 0x4000 27FF
5 KB
Reserved
0x4000 1000 - 0x4000 13FF
1 KB
TIM6
0x4000 0800- 0x4000 0FFF
2 KB
Reserved
0x4000 0400 - 0x4000 07FF
1 KB
TIM3
0x4000 0000 - 0x4000 03FF
1 KB
TIM2
1. The gray color is used for reserved boundary addresses.
Table 19. STM32L452xx memory map and peripheral register boundary addresses(1)
(continued)
Bus
Boundary address
Size(bytes)
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More