データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SP0115T2A0-CM300DX-24S データシート(PDF) 3 Page - Power Integrations, Inc.

部品番号 2SP0115T2A0-CM300DX-24S
部品情報  Compact, high-performance, plug-and-play dual-channel IGBT driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SP0115T2A0-CM300DX-24S データシート(HTML) 3 Page - Power Integrations, Inc.

  2SP0115T2A0-CM300DX-24S Datasheet HTML 1Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 2Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 3Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 4Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 5Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 6Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 7Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SCALE™-2 2SP0115T2A0(C)-CM300DX-24S
Data Sheet
www.power.com/gate-driver
Page 3
Parameter
Remarks
Min
Max Unit
Operating temperature
Note 20
-20
85
°C
Storage temperature
Note 21
-40
50
°C
Surface temperature
Only 2SP0115T2A0C-CM300DX-24S (Note 22)
125
°C
Recommended Operating Conditions
Parameter
Remarks
Min
Typ
Max Unit
Supply voltage VCC
To GND
14.5
15
15.5
V
Resistance from TB to GND
Blocking time ≠ 0, ext. value
128
SOx current
Fault condition, 3.3V logic
4
mA
Electrical Characteristics
Power Supply
Remarks
Min
Typ
Max Unit
Supply current ICC
Without load
33
mA
Efficiency η
Internal DC/DC converter
85
%
Coupling capacitance Cio
Primary side to secondary side, total, per channel
23
pF
Power Supply Monitoring
Remarks
Min
Typ
Max Unit
Supply threshold VCC
Primary side, clear fault
11.9
12.6
13.3
V
Primary side, set fault (Note 5)
11.3
12.0
12.7
V
Monitoring hysteresis
Primary side, set/clear fault
0.35
V
Supply threshold Visox-Veex
Secondary side, clear fault
12.1
12.6
13.1
V
Secondary side, set fault (Note 6)
11.5
12.0
12.5
V
Monitoring hysteresis
Secondary side, set/clear fault
0.35
V
Supply threshold Veex-VCOMx
Secondary side, clear fault
5
5.15
5.3
V
Secondary side, set fault (Note 6)
4.7
4.85
5
V
Monitoring hysteresis
Secondary side, set/clear fault
0.15
V
Logic Inputs and Outputs
Remarks
Min
Typ
Max Unit
Input impedance
V(INx) > 3V (Note 7)
3.5
4.1
4.6
Turn-on threshold
V(INx) (Note 8)
2.6
V
Turn-off threshold
V(INx) (Note 8)
1.3
V
SOx output voltage
Fault condition, I(SOx) < 8mA
0.7
V



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com