データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SP0115T2A0-CM300DX-24S データシート(PDF) 4 Page - Power Integrations, Inc.

部品番号 2SP0115T2A0-CM300DX-24S
部品情報  Compact, high-performance, plug-and-play dual-channel IGBT driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SP0115T2A0-CM300DX-24S データシート(HTML) 4 Page - Power Integrations, Inc.

  2SP0115T2A0-CM300DX-24S Datasheet HTML 1Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 2Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 3Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 4Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 5Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 6Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 7Page - Power Integrations, Inc. 2SP0115T2A0-CM300DX-24S Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SCALE™-2 2SP0115T2A0(C)-CM300DX-24S
Data Sheet
www.power.com/gate-driver
Page 4
Short-circuit Protection
Remarks
Min
Typ
Max Unit
Vce-monitoring threshold
Between auxiliary terminals
10.2
V
Response time
DC-link voltage > 550V (Note 9)
5.4
μs
Delay to IGBT turn-off
After the response time (Note 10)
1.4
μs
Blocking time
After fault (Note 11)
90
ms
Timing Characteristics
Remarks
Min
Typ
Max Unit
Turn-on delay td(on)
Note 12
75
ns
Turn-off delay td(off)
Note 12
65
ns
Jitter of turn-on delay
Note 18
±2
ns
Jitter of turn-off delay
Note 18
±4
ns
Output rise time tr(out)
Gx to Ex (Note 13)
5
ns
Output fall time tf(out)
Gx to Ex (Note 13)
10
ns
Dead time between outputs
Half-bridge mode (Note 19)
3
μs
Jitter of dead time
Half-bridge mode
±50
ns
Transmission delay of fault state
Note 14
400
ns
Outputs
Remarks
Min
Typ
Max Unit
Turn-on gate resistor Rg(on)
Note 15
1.3
Ω
Turn-off gate resistor Rg(off)
Note 15
1.8
Ω
Gate voltage at turn-on
15
V
Gate-voltage at turn-off
P=0W
-9.2
V
P=1.2W
-7.1
V
Gate resistance to COMx
4.7
Electrical Isolation
Remarks
Min
Typ
Max Unit
Test voltage (50Hz/1s)
Primary to secondary side (Note 16)
3800
3850
3900
Veff
Secondary to secondary side (Note 16)
3800
3850
3900
Veff
Partial discharge extinction volt.
Primary to secondary side (Note 17)
1220
Vpeak
Secondary to secondary side (Note 17)
1200
Vpeak
Creepage distance
Primary to secondary side
12.6
mm
Secondary to secondary side
6.6
mm
Primary to NTC
6.5
mm
Clearance distance
Primary to secondary side
12.3
mm
Secondary to secondary side
6.6
mm
Primary to NTC
6.5
mm
All data refer to +25°C and VCC = 15V unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com