| データシートサーチシステム |
|
DM300019 データシート(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300019 データシート(HTML) 21 Page - Microchip Technology |
|
21 / 50 page ![]() Tutorial © 2006 Microchip Technology Inc. DS51584B-page 17 2.5.1 Identify Assembler Include Path 1. Select the General tab. 2. At the Assembler Include Path, $(AINDIR):box, click Browse... and navigate to: C:\Program Files\Microchip\MPLAB ASM30 Suite\Support\inc This path tells MPLAB IDE where to find the include files. 3. Select the MPLAB LINK30 tab to view the linker settings (see Figure 2-8). FIGURE 2-8: MPLAB® LINK30 BUILD OPTIONS 2.5.2 Link for MPLAB ICD 2 1. Check Link for ICD 2. 2. Click OK. The text box closes while the linker reserves space for the debug code used by the MPLAB ICD 2. 3. Click OK again to save these changes. The project is now ready to build. Check Link for ICD2 |