| データシートサーチシステム |
|
DM300019 データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300019 データシート(HTML) 11 Page - Microchip Technology |
|
11 / 50 page ![]() dsPICDEM™ 80-PIN STARTER DEVELOPMENT BOARD USER’S GUIDE © 2006 Microchip Technology Inc. DS51584B-page 7 Chapter 1. Introduction 1.1 INTRODUCTION The dsPICDEM 80-Pin Starter Development Board is a development kit and evaluation tool for dsPIC high-performance DSCs and PIC24 MCUs. 1.2 HIGHLIGHTS This chapter discusses: • dsPICDEM 80-Pin Starter Development Board Kit Contents • dsPICDEM 80-Pin Starter Development Board Functionality and Features • dsPICDEM 80-Pin Starter Development Board Demonstration Program • Reference documents 1.3 dsPICDEM 80-PIN STARTER DEVELOPMENT BOARD KIT CONTENTS The following items comprise the dsPICDEM 80-Pin Starter Development Board Kit: • The dsPICDEM 80-Pin Starter Development Board printed circuit board (see Figure 1-1). • A preprogrammed dsPIC30F6014A device soldered onto an adapter board, which plugs into the Emulation Header on the dsPICDEM 80-Pin Starter Development Board (see Figure 1-2). • dsPICDEM 80-Pin Starter Development Board CD-ROM containing various demonstration programs provided by Microchip. Note: The term dsPIC DSC used throughout this manual refers to both the dsPIC30F and dsPIC33F device families. Unless specified otherwise, these devices can be used interchangeably. Similarly, the term PIC24 MCU refers to both the PIC24F and PIC24H device families. |