| データシートサーチシステム |
|
DM300019 データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300019 データシート(HTML) 17 Page - Microchip Technology |
|
17 / 50 page ![]() Tutorial © 2006 Microchip Technology Inc. DS51584B-page 13 FIGURE 2-2: PROJECT WIZARD, STEP 2, SELECT LANGUAGE TOOLSUITE 2.4.2 Select Language Toolsuite 1. From the Active Toolsuite pull-down menu, select Microchip ASM30 Toolsuite. This toolsuite includes the assembler and linker that will be used (the C compiler is not used). 2. In the Toolsuite Contents block, select MPLAB ASM 30 Assembler (pic30-as.exe). 3. In the Location block, click Browse... and navigate to: C:\Program Files\Microchip\MPLAB ASM30 Suite\Bin\pic30-as.exe 4. With MPLAB LINK 30 Object Linker (pic30-Id.exe) selected in Toolsuite Contents, click Browse... and navigate to: C:\Program Files\Microchip\MPLAB ASM30 Suite\Bin\pic30-ld.exe 5. Click Next > to continue. The Project Wizard Step Three dialog displays (see Figure 2-3). Note: If you have the MPLAB C30 Toolsuite installed, browse to the C:\program files\microchip\MPLAB C30\bin\ location. |