データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP5900SD-2.7/NOPB.A データシート(PDF) 23 Page - Texas Instruments

部品番号 LP5900SD-2.7/NOPB.A
部品情報  LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LP5900SD-2.7/NOPB.A データシート(HTML) 23 Page - Texas Instruments

Back Button LP5900SD-2.7/NOPB.A Datasheet HTML 19Page - Texas Instruments LP5900SD-2.7/NOPB.A Datasheet HTML 20Page - Texas Instruments LP5900SD-2.7/NOPB.A Datasheet HTML 21Page - Texas Instruments LP5900SD-2.7/NOPB.A Datasheet HTML 22Page - Texas Instruments LP5900SD-2.7/NOPB.A Datasheet HTML 23Page - Texas Instruments LP5900SD-2.7/NOPB.A Datasheet HTML 24Page - Texas Instruments LP5900SD-2.7/NOPB.A Datasheet HTML 25Page - Texas Instruments LP5900SD-2.7/NOPB.A Datasheet HTML 26Page - Texas Instruments LP5900SD-2.7/NOPB.A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
25-Sep-2024
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP5900TL-1.8/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-1.9/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-2.0/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-2.2/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-2.3/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-2.5/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-2.6/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-2.65/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-2.7/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-2.75/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-2.8/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-2.85/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-3.0/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-3.3/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TL-4.5/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TLX-1.5/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TLX-1.8/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TLX-2.1/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TLX-2.3/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TLX-2.5/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TLX-2.6/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TLX-2.7/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TLX-2.75/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TLX-2.8/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TLX-2.85/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TLX-3.0/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900TLX-3.3/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.17
1.17
0.76
4.0
8.0
Q1
LP5900XR-2.8/NOPB
DSBGA
YPF
4
250
178.0
8.4
1.16
1.2
0.4
4.0
8.0
Q1
LP5900XRX-2.8/NOPB
DSBGA
YPF
4
3000
178.0
8.4
1.16
1.2
0.4
4.0
8.0
Q1
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29