| データシートサーチシステム |
|
STAMP0 データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STAMP0 データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 62 page ![]() I²C registers STAMP0 40/62 DocID028639 Rev 1 5.2.12 Channel 3 and 4 mapping configuration register (reg. 0x0B) B7 B6 B5 B4 B3 B2 B1 B0 SLOT3S SLOT4S 0010 (See Table 12: "TDM slots and channel mapping") 0011 (See Table 12: "TDM slots and channel mapping") 5.2.13 Channel 5 and 6 mapping configuration register (reg. 0x0C) B7 B6 B5 B4 B3 B2 B1 B0 SLOT5S SLOT6S 0100 (See Table 12: "TDM slots and channel mapping") 0101 (See Table 12: "TDM slots and channel mapping") 5.2.14 Channel 7 and 8 mapping configuration register (reg. 0x0D) B7 B6 B5 B4 B3 B2 B1 B0 SLOT7S (See Table 12: "TDM slots and channel mapping") SLOT8S (See Table 12: "TDM slots and channel mapping") 0110 0111 5.2.15 RMS meter threshold programming (reg. 0x0E) B7 B6 B5 B4 B3 B2 B1 B0 COMP_B COMP_SEL - - - - 0 000 - - - - Bit R/W RST Name Description 7 R/W 0 COMP_B Burst threshold prog: 0: single threshold prog. 1: burst threshold prog. 6 R/W 0 COMP_SEL Single threshold prog: 000: TH1 is programmed 001: TH2 is programmed 010: TH3 is programmed 011: TH4 is programmed 100: TH5 is programmed 101: TH6 is programmed 110: TH7 is programmed 111: TH8 is programmed 5 R/W 0 4 R/W 0 Obsolete Product(s) - Obsolete Product(s) |