データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9026 データシート(PDF) 3 Page - STMicroelectronics

部品番号 L9026
部品情報  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 データシート(HTML) 3 Page - STMicroelectronics

  L9026 Datasheet HTML 1Page - STMicroelectronics L9026 Datasheet HTML 2Page - STMicroelectronics L9026 Datasheet HTML 3Page - STMicroelectronics L9026 Datasheet HTML 4Page - STMicroelectronics L9026 Datasheet HTML 5Page - STMicroelectronics L9026 Datasheet HTML 6Page - STMicroelectronics L9026 Datasheet HTML 7Page - STMicroelectronics L9026 Datasheet HTML 8Page - STMicroelectronics L9026 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
2
Application circuit
Here below two general application circuits:
Figure 2 reports L9026 with the HTSSOP24 version package
Figure 3 shows the application of L9026 with the VFQFPN32 version package
In the list of external components, the different parts are marked following the items reported below:
1. mandatory components for L9026 functionality
2. recommended components for EMC robustness
3. recommended components for ESD trials
4. recommended System component
Note:
recommended components may depend on the requirements at system levels and shall be confirmed by specific
tests on the final application.
Figure 2. HTSSOP24 Application schematic
L9026
Application circuit
DS13397 - Rev 9
page 3/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60