データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9352B データシート(PDF) 6 Page - STMicroelectronics

部品番号 L9352B
部品情報  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352B データシート(HTML) 6 Page - STMicroelectronics

Back Button L9352B Datasheet HTML 2Page - STMicroelectronics L9352B Datasheet HTML 3Page - STMicroelectronics L9352B Datasheet HTML 4Page - STMicroelectronics L9352B Datasheet HTML 5Page - STMicroelectronics L9352B Datasheet HTML 6Page - STMicroelectronics L9352B Datasheet HTML 7Page - STMicroelectronics L9352B Datasheet HTML 8Page - STMicroelectronics L9352B Datasheet HTML 9Page - STMicroelectronics L9352B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pins description
L9352B
6/27
2
Pins description
Figure 2.
Pins connection (top view)
Table 2.
Pins description
Pin
Description
1
GND
Logic ground
2, 3
PGND3
Power ground - Channel 3
4, 5
Q3
Power output - Channel 3
6, 7
D3
Free-wheeling diode - Channel 3
8, 9
Q1
Power output - Channel 1
10, 11
Q2
Power output - Channel 2
12, 13
D4
Free-wheeling diode - Channel 4
14, 15
Q4
Power output - Channel 4
16, 17
PGND4
Power ground - Channel 4
18
NC
Not Connected
19
VCC
5 V supply
20
VDD
5 V supply
21
ST4
Status output - Channel 4
22
IN2
Control input - Channel 2
23
IN4
Control input - Channel 4
24
ST2
Status output - Channel 2
25
EN
Enable input for all four channels
36
N.C.
35
IN3
ST4
34
PGND3
33
32
PGND3
Q3
31
Q3
30
29
D3
D3
28
Q2
27
26
Q2
PGND2
25
PGND2
24
23
VS
VDD
22
VCC
21
20
IN2
ST1
19
GND
1
IN4
2
3
ST3
PGND4
4
PGND4
5
6
Q4
Q4
7
D4
8
9
D4
Q1
10
Q1
11
12
PGND1
PGND1
13
EN
14
15
CLK
IN1
16
ST2
17
18
TEST
99AT0060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com