データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9352B データシート(PDF) 10 Page - STMicroelectronics

部品番号 L9352B
部品情報  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352B データシート(HTML) 10 Page - STMicroelectronics

Back Button L9352B Datasheet HTML 6Page - STMicroelectronics L9352B Datasheet HTML 7Page - STMicroelectronics L9352B Datasheet HTML 8Page - STMicroelectronics L9352B Datasheet HTML 9Page - STMicroelectronics L9352B Datasheet HTML 10Page - STMicroelectronics L9352B Datasheet HTML 11Page - STMicroelectronics L9352B Datasheet HTML 12Page - STMicroelectronics L9352B Datasheet HTML 13Page - STMicroelectronics L9352B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Electrical specifications
L9352B
10/27
3.4
Electrical characteristics
Table 6.
Electrical characteristics
(VS = 4.8 to 18V; Tj = -40 to 150°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Power supply
ISON
Supply current
VS  18V
(outputs ON)
5mA
ISOFF
Quiescent current
VS  18V
(outputs OFF)
5mA
Icc
Supply current VCC (analog supply)
VCC = 5V
5
mA
Idd
Supply current VDD (digital supply)
VDD = 5V fCLK=0Hz
5
A
Idd
Supply current VDD (digital supply)
VDD = 5V fCLK=250kHz
5
mA
General diagnostic functions
VQU
Open load voltage
VS  6.5V
(outputs OFF)
0.3
0.33
0.36
x VQ
VthGND
Signal-GND-loss threshold
VCC = 5V
0.1
1
V
VthPGL
Power-GND-loss threshold
VCC = 5V
1.5
2.5
3.5
V
fCLK,min
Clock frequency error
10
100
kHz
DCCLKe_low Clock duty cycle error detection low
fCLK = 250 kHz
33,3
45
%
DCCLKe_high Clock duty cycle error detection high
fCLK = 250 kHz
55
66,6
%
VSloss
Supply detection
VCC = VDD = 5V
2
4.5
V
Additional diagnostic functions channel 1 and channel 2 (non regulated channels)
IQU1,2
Open-load current channel 1, 2
VS  6.5V
50
300
mA
IQO1,2
Over-load current channel 1, 2
VS  6.5V
5
7.5
9
A
Additional diagnostic functions channel 3 and channel 4 (regulated channels)
DCOUT
Output duty cycle error
filtered with 10ms
90
100
%
IQO3,4
Overload current
channel 3,4
VS  6.5V
2.5
5
8
A
Vrerr
Recirculation error shutdown
threshold (open D3/D4)
Iout > 50mA
45
50
60
V
PWMdOUT
Output PWM ratio during drift
comparison
VIN3 = VIN4 = PWMIN
VTEST = H
-14.3
+14.3
%
Digital inputs (IN1 to IN4, ENA, CLK, TEST). The valid PWM-Ratio for IN3/IN4 is 10% to 90%
VIL
Input low voltage
-0.3
1
V
VIH
Input high voltage
2
6
V
VIHy
Input voltage hysteresis(1)
20
500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com