| データシートサーチシステム |
|
L99VR02JTR データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99VR02JTR データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 38 page ![]() 2.4 Electrical characteristics curves Figure 3. Output voltage vs Tj 0.00 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 5.00 5.50 0 20 40 60 80 100 120 140 160 V0(V) Tj (⁰C) 5V 3V3 2V8 2V5 1V8 1V5 1V2 0V8 Io = 1 mA V = 13.5 V Figure 4. Output voltage vs VS V0(V) 5V 2.8V 3.3V 2.5V 1.8V 1.5V 1.2V 0.8V -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 0 1 2 3 4 5 6 7 8 Io = 250 mA Ta = 25 °C V VS(V) Figure 5. Drop voltage vs output current 0.00 0.05 0.10 0.15 0.20 0.25 0 50 100 150 200 250 300 350 400 450 500 Vdp(V) 5V 3V3 2V8 2V5 1V8 Ta = 25 °C Io (mA) Figure 6. Current consumption vs output current I qn (mA) 5V 3V3 2V8 2V5 1V8 1V5 1V2 0V8 0.0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 0 20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 320 340 360 380 400 420 440 Vs = 13.5 V Ta = 25 °C 460 480 500 Iout(mA) Figure 7. Current consumption vs input voltage (Io < 1 mA) I qn (mA) 5V 3V3 2V8 2V5 1V8 1V5 1V2 0V8 VS(V) 0.0 0.1 0.2 0.3 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Io < 1 mA Ta = 25 °C Figure 8. Current consumption vs input voltage (Io = 50 mA) I qn (mA) 5V 3V3 2V8 2V5 1V8 1V5 1V2 0V8 0.0 0.5 1.0 1.5 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 VS(V) Io = 50 mA Ta = 25 °C L99VR02J Electrical characteristics curves DS14076 - Rev 1 page 12/38 |