データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99VR02JTR データシート(PDF) 28 Page - STMicroelectronics

部品番号 L99VR02JTR
部品情報  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02JTR データシート(HTML) 28 Page - STMicroelectronics

Back Button L99VR02JTR Datasheet HTML 24Page - STMicroelectronics L99VR02JTR Datasheet HTML 25Page - STMicroelectronics L99VR02JTR Datasheet HTML 26Page - STMicroelectronics L99VR02JTR Datasheet HTML 27Page - STMicroelectronics L99VR02JTR Datasheet HTML 28Page - STMicroelectronics L99VR02JTR Datasheet HTML 29Page - STMicroelectronics L99VR02JTR Datasheet HTML 30Page - STMicroelectronics L99VR02JTR Datasheet HTML 31Page - STMicroelectronics L99VR02JTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
6
Package and PCB thermal data
6.1
PowerSSO-12 thermal data
Figure 44. PowerSSO-12 PC board
Note:
The values quoted are for PCB 77 mm x 86 mm x 1.6 mm, FR4, two and four layers; Cu thickness 0.070 mm
(outer layers). Cu thickness 0.035 mm (inner layers), thermal vias separation 1.2 mm, thermal via diameter
0.3 mm +/- 0.08 mm, Cu thickness on vias 0.025 mm, footprint dimension 2.2 mm x 2.9 mm.
L99VR02J
Package and PCB thermal data
DS14076 - Rev 1
page 28/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38