| データシートサーチシステム |
|
L99VR02JTR データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99VR02JTR データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 38 page ![]() 4.8 Overvoltage detection by advanced thermal warning read-out The TW pin also provides diagnostics about output overvoltage (OV); to distinguish between a thermal warning event and an output overvoltage event, two different signals are generated at the same TW output pin. How reported in the previous paragraph a thermal warning event detection sets the TW pin LOW, instead an output overvoltage event generates a square wave at the TW pin (Figure 40. Square wave on TW pin generated during an overvoltage). Overvoltage detection has higher priority than thermal warning detection so that concurrence of thermal warning and over voltage events lead to a square wave like in the case of overvoltage detection (as shown in Figure 41. Warning signal caused by overvoltage and thermal warning on TW pin). Figure 40. Square wave on TW pin generated during an overvoltage TW t Tw_per A typical example of thermal warning and overvoltage failures management is depicted in Figure 41. Warning signal caused by overvoltage and thermal warning on TW pin. Figure 41. Warning signal caused by overvoltage and thermal warning on TW pin Vo T Vo_hth TW 150ºC t t t L99VR02J Overvoltage detection by advanced thermal warning read-out DS14076 - Rev 1 page 24/38 |