データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB45000 データシート(PDF) 8 Page - STMicroelectronics

部品番号 CB45000
部品情報  HCMOS6 STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB45000 データシート(HTML) 8 Page - STMicroelectronics

Back Button CB45000 Datasheet HTML 4Page - STMicroelectronics CB45000 Datasheet HTML 5Page - STMicroelectronics CB45000 Datasheet HTML 6Page - STMicroelectronics CB45000 Datasheet HTML 7Page - STMicroelectronics CB45000 Datasheet HTML 8Page - STMicroelectronics CB45000 Datasheet HTML 9Page - STMicroelectronics CB45000 Datasheet HTML 10Page - STMicroelectronics CB45000 Datasheet HTML 11Page - STMicroelectronics CB45000 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CB45000 SERIES
8/16
®
which are true LSSD cells. Non-overlapping clock
generator macros are also available.
For parametric and Iddq testing, the I/O cells
contain a dedicated test interface as described
previously (See “I/O TEST INTERFACE” on
page 6.)
EVALUATION DEVICE
An evaluation device is used to demonstrate the
performance of the CB45000 series as well as
verify the effectiveness of the design system. The
device has path delays, latches and a set of
macrocells and memory functions which were
used to verify the simulated characteristics that
are supplied in the data book. Characterization of
the path delays including interconnect shows
typical delays of 160 ps for a 2 input NAND with
receivers/drivers operating at frequencies of 200
MHz. The evaluation device is available in a 208
pin plastic quad flat pack.
Figure 5
Evaluation Device Cross Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16