データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9963E データシート(PDF) 108 Page - STMicroelectronics

部品番号 L9963E
部品情報  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E データシート(HTML) 108 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 104Page - STMicroelectronics L9963E Datasheet HTML 105Page - STMicroelectronics L9963E Datasheet HTML 106Page - STMicroelectronics L9963E Datasheet HTML 107Page - STMicroelectronics L9963E Datasheet HTML 108Page - STMicroelectronics L9963E Datasheet HTML 109Page - STMicroelectronics L9963E Datasheet HTML 110Page - STMicroelectronics L9963E Datasheet HTML 111Page - STMicroelectronics L9963E Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 184 page
background image
Register Name
Field name
Description
TCYCLE_SLEEP
RW
3
3
0x0
A
Determines the period of cyclic
conversions executed in cyclic wake
up.
See Table 68
ADC_FILTER_SLEEP
RW
0
3
0x0
A
Determines the filter window used for
cyclic conversion in cyclic wake up
state.
See Table 39
BalCell14_7act
0x10
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
BAL14
RW
14
2
0x1
A
10 → Balancing enabled
Others → Balancing disabled
BAL13
RW
12
2
0x1
A
BAL12
RW
10
2
0x1
A
BAL11
RW
8
2
0x1
A
BAL10
RW
6
2
0x1
A
BAL9
RW
4
2
0x1
A
BAL8
RW
2
2
0x1
A
BAL7
RW
0
2
0x1
A
BalCell6_1act
0x11
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
BAL6
RW
14
2
0x1
A
10 → Balancing enabled
Others → Balancing disabled
BAL5
RW
12
2
0x1
A
BAL4
RW
10
2
0x1
A
BAL3
RW
8
2
0x1
A
BAL2
RW
6
2
0x1
A
BAL1
RW
4
2
0x1
A
Noreg3
RO
3
1
0x0
X
Noreg2
RO
2
1
0x0
X
bal_on
RO
1
1
0x0
A
See Table 42
eof_bal
RO
0
1
0x0
A
FSM
0x12
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
SW_RST
WO
14
2
0x0
B
10 → Triggers software reset
Others → No effect
GO2SLP
WO
12
2
0x0
B
10 → Moves the device to sleep
Others → No effect
L9963E
Register map
DS13636 - Rev 12
page 108/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More