| データシートサーチシステム |
|
L9963E データシート(PDF) 109 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E データシート(HTML) 109 Page - STMicroelectronics |
|
109 / 184 page ![]() Register Name Field name Description FSMstatus RO 8 4 0x0 B 0001 → Sleep 0010 → Init 0100 → Normal 1000 → Cyclic wake up Noreg7 RO 7 1 0x0 X Noreg6 RO 6 1 0x0 X Noreg5 RO 5 1 0x0 X wu_gpio7 RO 4 1 0x0 B 0 → Last wake up source was not GPIO7 1 → Last wake up source was GPIO7 wu_spi RO 3 1 0x0 B 0 → Last wake up source was not SPI 1 → Last wake up source was SPI wu_isoline RO 2 1 0x0 B 0 → Last wake up source was not isolated SPI 1 → Last wake up source was isolated SPI wu_faulth RO 1 1 0x0 B 0 → Last wake up source was not FAULTH 1 → Last wake up source was FAULTH wu_cyc_wup RO 0 1 0x0 B 0 → Last wake up source was not TCYCLE_SLEEP 1 → Last wake up source was TCYCLE_SLEEP GPOxOn_and_GPI93 0x13 GPO9on RW 17 1 0x0 B 0 → GPIO forced low 1 → GPIO forced high GPO8on RW 16 1 0x0 B GPO7on RW 15 1 0x0 B GPO6on RW 14 1 0x0 B GPO5on RW 13 1 0x0 B GPO4on RW 12 1 0x0 B GPO3on RW 11 1 0x0 B Noreg10 RO 10 1 0x0 X Noreg9 RO 9 1 0x0 X GPI9 RO 8 1 0x0 B Value read on GPIO GPI8 RO 7 1 0x0 B GPI7 RO 6 1 0x0 B GPI6 RO 5 1 0x0 B GPI5 RO 4 1 0x0 B GPI4 RO 3 1 0x0 B L9963E Register map DS13636 - Rev 12 page 109/184 |