| データシートサーチシステム |
|
STA680 データシート(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA680 データシート(HTML) 10 Page - STMicroelectronics |
|
10 / 48 page ![]() Block diagram and pin description STA680 10/48 DS5877 Rev 13 C5 N15 GPIO7 I/O Pull-up 3.3 V Generic IO supply GPIO bit 7 Reset A9 C14 RESET_N I Pull-up 3.3 V Generic IO supply Device active-low reset Host microprocessor interfaces B9 K16 SPI1_SS0_N I Pull-up 3.3 V Generic IO supply SPI interface 1 active-low slave select A8 L13 SPI1_SCK I Pull-up 3.3 V Generic IO supply SPI interface 1 serial clock B8 K14 SPI1_MOSI I Pull-up 3.3 V Generic IO supply SPI interface 1 serial data master out/slave in A7 L14 SPI1_MISO O Pull-up 3.3 V Generic IO supply SPI interface 1 serial data master in/slave out B7 N4 IIC1_SCL I/O Pull-up 3.3 V Generic IO supply IIC interface 1 serial clock line A6 T4 IIC1_SDA I/O Pull-up 3.3 V Generic IO supply IIC interface 1 serial data line C7 F12 IIC1_DA I/O Pull-up 3.3 V Generic IO supply IIC interface 1 data acknowledged C6 F14 IIC2_SCL I/O Pull-up 3.3 V Generic IO supply Reserved C4 F13 IIC2_SDA I/O Pull-up 3.3 V Generic IO supply Reserved D4 F15 IIC2_DA I/O Pull-up 3.3 V Generic IO supply Reserved Table 2. Ball-out description (continued) LFBGA Ball # TFBGA Ball # Signal name Type Pull-up /down(1) Electrical Supply group Description |