| データシートサーチシステム |
|
STA680 データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA680 データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 48 page ![]() DS5877 Rev 13 15/48 STA680 Block diagram and pin description 47 G12 R11 SDR_CAS_N O - 3.3 V SDRAM IO supply Active-low column address strobe F13 U11 SDR_RAS_N O - 3.3 V SDRAM IO supply Active-low row address strobe M14 P9 SDR_CKE O - 3.3 V SDRAM IO supply Clock enable F14 R10 SDR_CS_N O - 3.3 V SDRAM IO supply Active-low chip select E13 T10 SDR_BA0 O - 3.3 V SDRAM IO supply Bank select address 0 E14 T9 SDR_BA1 O - 3.3 V SDRAM IO supply Bank select address 1 D14 R6 SDR_A0 O - 3.3 V SDRAM IO supply Address bit 0 to SDRAM C13 T6 SDR_A1 O - 3.3 V SDRAM IO supply Address bit 1 to SDRAM C14 U5 SDR_A2 O - 3.3 V SDRAM IO supply Address bit 2 to SDRAM B13 P6 SDR_A3 O - 3.3 V SDRAM IO supply Address bit 3 to SDRAM H12 U7 SDR_A4 O - 3.3 V SDRAM IO supply Address bit 4 to SDRAM H13 T7 SDR_A5 O - 3.3 V SDRAM IO supply Address bit 5 to SDRAM J14 R7 SDR_A6 O - 3.3 V SDRAM IO supply Address bit 6 to SDRAM J13 P7 SDR_A7 O - 3.3 V SDRAM IO supply Address bit 7 to SDRAM K14 P8 SDR_A8 O - 3.3 V SDRAM IO supply Address bit 8 to SDRAM Table 2. Ball-out description (continued) LFBGA Ball # TFBGA Ball # Signal name Type Pull-up /down(1) Electrical Supply group Description |