| データシートサーチシステム |
|
M41ST87W データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST87W データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 54 page ![]() M41ST87W Description DocID9497 Rev 11 11/54 Figure 5: Hardware hookup 1. Available in SOX28 package only. VCC PFO1 EX (1) SCL M41ST87Y/W WDI (1) RSTIN1 RSTIN2 (1) PFI1 PFI2 VSS VBAT F32k IRQ/OUT SQW/FT RST VOUT ECON (1) SDA Unregulated Voltage 5V Regulator VCC VIN 3.3V Regulator VCC VIN TP1IN TPCLR TP2IN Pushbutton Reset For monitoring of additional voltage sources PFO2 Low-Power SRAM VCC E To Microprocessor To LED Display To NMI To INT To 32kHz R1 R2 R3 R4 (1) |