| データシートサーチシステム |
|
M41ST87W データシート(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST87W データシート(HTML) 43 Page - STMicroelectronics |
|
43 / 54 page ![]() M41ST87W DC and AC parameters DocID9497 Rev 11 43/54 Table 19: DC characteristics Sym Parameter Test condition (1) M41ST87Y M41ST87W Unit Min Typ Max Min Typ Max IBAT (2) Battery current OSC ON TA = 25 °C, VCC = 0 V, VBAT = 3 V 500 700 500 700 nA Battery current OSC OFF 50 50 nA ICC1 Supply current f = 400 kHz 1.4 0.75 mA ICC2 Supply current (standby) SCL, SDA ≥ VCC– 0.3 V 1 0.50 mA ILI (3) Input leakage current 0V ≤ VIN ≤ VCC ±1 ±1 µA Input leakage current (PFI) –25 2 25 –25 2 25 nA ILO (4) Output leakage current 0V ≤ VIN ≤ VCC ±1 ±1 µA IOUT1 (5) VOUT current (active) VOUT1 > VCC – 0.3 V 175 100 mA IOUT2 VOUT current (battery backup) VOUT2 > VBAT – 0.3 V 100 100 µA VIH Input high voltage 0.7VCC VCC + 0.3 0.7VCC VCC + 0.3 V VIL Input low voltage –0.3 0.3VCC –0.3 0.3VCC V VBAT Battery voltage 2.5 3.0 VCC 2.5 3.0 VCC V VOH (6) Output high voltage IOH = –1.0 mA 2.4 2.4 V Pull-up supply voltage (open drain) IRQ/OUT,RST, F32k 5.5 3.6 V VOHB (7) VOH (battery backup) IOUT2 = –1.0 µA (8) 2.9 2.9 V VOL Output low voltage IOL = 3.0 mA 0.4 0.4 V Output low voltage (open drain) (9) IOL = 10 mA 0.4 0.4 V VPFD Power fail deselect THS bit = 0 4.20 4.35 4.50 2.55 2.62 2.70 V THS bit = 1 4.50 4.60 4.75 2.80 2.88 3.00 V VPFI1, VPFI2 PFI input threshold VCC = 5 V (Y) 1.225 1.250 1.275 V VCC = 3 V (W) 1.225 1.250 1.275 V PFI hysteresis PFI rising 20 70 20 70 mV VSO Battery backup switchover 2.5 2.5 V RSW External switch resistance on tamper pin 500 500 Ω Notes: (1) Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 4.5 to 5.5 V or 2.7 to 3.6 V (except where noted). (2) Measured with VOUT and E̅CON open. Not including tamper detection current (see Table 5: "Tamper detection current (normally closed - TCMX = '0')"). |